rev: 2 .0 created on: june 20 , 2013 created by: mks approved by: bp page | 1 wpant3 005 2 - r a 3.5 g hz wimax directional p anel antenna description / application this is a high gain d irectional panel antenna that operates in the 3 .5 ghz wi max band . it comes with a t ype -n female connector . the antenna is at dc ground to ensure protection against lightning . we can assist your engineers to optimize mounting positions for these antennas in your specific application and can further customize the antennas for your specific needs . please contact sales@worldproducts.com with your specific application requirements. electrical properties operating frequency 3.35 ? 3.6 g hz approximate antenna impedance [ ? ] 50 ? vswr ? typical < 2 :1 peak gain [dbi] (typical) 2 0 dbi polarization vertical or horizontal pattern d irectional (> 25 db front -to - back ratio) accepted power [w] (max) 200 watts lightning protection dc ground mechanical / environmental properties antenna dimensions 12 ?? x 12 ?? x 0. 8?? ( 306 mm x 306 mm x 20 mm ) antenna color grey connector type - n female antenna radome abs operating / storage temperature -40 o c to +90 o c environmental meets standards for ul 94v -0 hazardous materials rohs compliant
rev: 2 .0 created on: june 20 , 2013 created by: mks approved by: bp page | 2 picture s of the antenna
|